Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download SK29A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK22A THRU SK210A
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Voltage Range 20 to 100Volts Current 2.0 Amperes
Features
For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260oC / 10 seconds at terminals
.062(1.58) .050(1.27)
SMA/DO-214AC
.111(2.83) .090(2.29)
.187(4.75) .160(4.06)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packaging: 12mm tape per EIA STD RS-481 Weight: 0.093gram
.091(2.30) .078(1.99)
.012(.31) .006(.15) .008(.20) .004(.10) .210(5.33) .195(4.95)
.056(1.41) .035(0.90)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SK SK SK Type Number
22A 23A Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) @ 2.0A
Maximum DC Reverse Current
24A
SK 25A
SK 26A
SK SK 29A 210A
Units
V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
Cj RJA TJ TSTG
20 14 20
30 21 30
40 28 40
50 35 50 2.0 50
60 42 60
90 63 90
100 70 100
0.5 0.5 5.0 10
0.7
0.85 0.1 5.0 50
V mA mA pF /W
at Rated DC Blocking Voltage
@ TA =25 @ TA =100
Typical Junction Capactance Typical Thermal Resistance ( Note 2 ) Operating Temperature Range Storage Temperature Range
88 -65 to +125 -65 to +150 -65 to +150
Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle 2. Measured on P.C.Board with 0.2 x 0.2" (5.0 x 5.0mm) Copper Pad Areas.
- 64 -
RATINGS AND CHARACTERISTIC CURVES (SK22A THRU SK210A)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING CURVE
2.0
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
AVERAGE FORWARD CURRENT.(A)
PEAK FORWARD SURGE CURRENT.(A)
RESISTIVE OR INDUCTIVELOAD
1.5
SK26A -SK210A
40
8.3ms Single Half Sine Wave JEDEC Method AT RATED TL
SK22A -SK25A
1.0
30
20
0.5 PCB MOUNTED ON 0.2X0.2" (5.0X5.0mm)COPPER PAD AREAS 0 50 60 70 80 90 100 110 120 LEAD TEMP ERATURE.( C) 130 140 150 160
10
0 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
50
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT.(A)
10
S
2 K2
S ASK
K2
INSTANTANEOUS REVERSE CURRENT.(mA)
4A
2 SK 6A
TJ=125 C
10
25
A-
SK
1
29
S A-
K2
10
A
1
TJ=75 C
0.1
0.1
TJ=25 C
0.01
PULSE WIDTH=300 s 1% DUTY CYCLE
0.01 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 FORWARD VOLTAGE.(V)
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
400
JUNCTION CAPACITANCE.(pF)
SK2
2A-
SK2
6A
Tj=25 C f=1.0MHz Vsig=50mVp-p
o
100
SK2
9A-
SK2
10A
10 0.1
1 REVERSE VOLTAGE.(V)
10
100
- 65 -


▲Up To Search▲   

 
Price & Availability of SK29A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X